Part Number Hot Search : 
LTM4623 88523 MCP2155 RL204 ZPD20 RTL8208 L31Y5R6K 25L64
Product Description
Full Text Search
 

To Download 1N4937G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4933G/L - 1N4937G/L
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER Features
* * * * * * Glass Passivated Die Construction Diffused Junction Fast Switching for High Efficiency High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 30A Peak Plastic Material: UL Flammability Classification Rating 94V-0
A
B
A
D
C
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Marking: Type Number DO-41 Weight: 0.35 grams (approx.) A-405 Weight: 0.20 grams (approx.)
DO-41 Dim A B C D Min 25.40 4.06 0.71 2.00 Max 3/4 5.21 0.864 2.72
A-405 Min 25.40 4.10 0.53 2.00 Max 3/4 5.20 0.64 2.70
All Dimensions in mm "GL" Suffix Designates A-405 Package "G" Suffix Designates DO-41 Package @ TA = 25C unless otherwise specified
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TA = 75C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave Superimposed on Rated Load (JEDEC Method) Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage Reverse Recovery Time (Note 3) Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range @ IF = 1.0A @ TA = 25C @ TA = 100C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM trr Cj RqJA Tj, TSTG
1N4933 G/GL 50 35
1N4934 G/GL 100 70
1N4935 G/GL 200 140 1.0 30 1.2 5.0 100 200 15 100 -65 to +150
1N4936 G/GL 400 280
1N4937 G/GL 600 420
Unit V V A A V mA ns pF K/W C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3. Measured with IF 0.5A, IR = 1.0A, Irr = 0.25A.
DS27002 Rev. E-2
1 of 2
1N4933G/L - 1N4937G/L
I(AV), AVERAGE FWD RECTIFIED CURRENT (A)
0.8
IF, INSTANTANEOUS FORWARD CURRENT (A)
1.0
10
0.6
1.0
0.4
0.1
0.2
PC Board Mounted 9.5mm Lead Lengths
0 25
50
75
0.01 0 0.4 0.8
TJ = 25C Pulse Width: 300s
100
125
150
175
200
1.2
1.6
TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curves
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
100
IFSM, PEAK FORWARD SURGE CURRENT (A)
30
Pulse Width 8.3ms Single Half Sine-Wave
Cj, CAPACITANCE (pF)
20
10
10
0 1.0
1.0
10
100
1.0
10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
trr
100
NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
50 NI (Non-inductive) Device Under Test 50V DC Approx
10 NI
+0.5A
(-)
Pulse Generator (Note 2)
(+) (-)
0A -0.25A
1.0 NI
Oscilloscope (Note 1)
(+)
Notes: 1. Rise Time = 7.0ns max. Input Impedance = 1.0M, 22pF. 2. Rise Time = 10ns max. Input Impedance = 50.
-1.0A Set time base for 50/100 ns/cm
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
DS27002 Rev. E-2
2 of 2
1N4933G/L - 1N4937G/L


▲Up To Search▲   

 
Price & Availability of 1N4937G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X